Part Number Hot Search : 
1N940B CX4SM1 UML6NTR MP356M T495X SI3400 TLHE5101 MJE1300
Product Description
Full Text Search
 

To Download FTR-G1CN010W1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (a) series name ftr-g1: ftr-g1 series (b) contact arrangement c : 1form c (c) contact gap n : 0.3mm gap (d) nominal coil voltage 009 : 09 vdc 010 : 010 vdc 012 : 012 vdc (e) contact material w1 : silver-tin oxide-indium (f) custom designation to be assigned custom designation note: the designation name is stamped on the top of the relay case as follows: example: ordering part number: FTR-G1CN010W1 stamped on part number: g1cn010w1 n features l compact for high density packaging (70% volumne of previ - ous generation ftr-p3 series) l high contact capacity with proven contact material (min. 100,000 operations, 14v, 25a achived, even with reduced size) l coil power savings (640mw nominal achived with state-of- the-art magnetic analysis/design) l ease of pcb layout (all terminals on perimeter, coil and con - tact terminals separated) l lower noise (57db average at 5cm) l rohs compliant since begining of production. please see page 7 for more information n ordering information ftr-g1 c n 010 w1 [example] (a) (b) (c) (d) (e) ftr-g1 series compact power relay 1 pole25a for automotive applications 1 rohs compliant l power window l power seat l tilt steering l door lock l wiper/iww l retractable antenna l sun roof n typical applications
2 ftr-g1 series item ftr-g1 contact arrangement 1 form c material silver-tin oxide-indium contact path voltage drop (initial) maximum 100 m? (at 6 vdc 1a after stabilization) rating 25 a at 14vdc (locked motor load) maximum carry current*1 25 a / 1 hour (25c, 100% rated coil voltage) maximum switching current (reference) 35a, 16vdc minimum load (reference)*2 1a, 6vdc coil rated coil power (20c) 640 mw operate coil power (20c) 237 mw operating ambient temperature range C40c to +85c (no frost) time values operate (at nominal voltage) maximum 10 ms (not including bounce) release (at nominal voltage) maximum 5 ms (not including bounce, no diode) life mechanical 1x10 6 operations minimum electrical 1) 100x10 3 operation minimum, 14vdc, 25a inrush power window motor (1 operation: 1 forward and 1 reverse) 2) 100x10 3 ops. min. 14vdc, 20a inrush door locked motor other vibration resistance misoperation 10-55hz, 1.5mm double amplitude shock resistance misoperation 100 m/s 2 minimum (10g) endurance 1,000 m/s 2 mimimum (100g) insulation resistance (initial) max. 100 m? @500 vdc dielectric withstanding voltage (initial) 500 vac weight approximately 3.5g specifications model nominal coil voltage coil resistance (10% at 20c) must operate voltage must release voltage (at 20c) coil power at nominal voltage ftr-g1cn009w1 9vdc 126 5.4vdc (at 85c) 0.75vdc 0.64w 6.8vdc (at 85c) FTR-G1CN010W1 10vdc 160 6.5vdc (at 85c) 0.8vdc 0.64w 8.2vdc (at 85c) ftr-g1cn012w1 12vdc 225 7.3vdc (at 85c) 1.0vdc 0.64w 9.2vdc (at 85c) coil data chart ftr-g1 series *1 need to consider the head from pcb when max. current is more than 10a. *2 values when switching a resistive load at normal room temperature and humidity and in a clean environment. the minimum switching load varies with the switching frequency and operating environment.
3 ftr-g1 series n insulation item 6shflfdwlr resistance 0llpxp0pl dielectric strength open contacts 500 vac (50/60 hz) 1 min. coil and contacts 500 vac (50/60 hz) 1 min. n reference data 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 0 20 40 60 80 100 data: ftr-g1cn010w 1 units: n=100 operate/release voltage distribution ratio to rated voltage (% ) distribution (% ) operate release 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 0 20 40 60 80 100 data: ftr-g1cn010w 1 units: n=100 contact resistance distribution distribution (% ) rwdfwuhvlvwdfhp 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 10 100 1000 10000 ftr-g1cn012w 1 25c 85c contact current duration time (sec.) contact current (a) failure mode: make contact open by short coil -40 -20 0 2 0 4 0 6 0 8 0 100 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 ftr-g1cn012w1 coil voltage: 16vdc max . 0a 10a ambient temperature vs voltage coil voltage (vdc) ambient temperature (c) allowable voltage 0.1 1 1 0 10 50 100 500 1000 0a 10a 20a 25a ftr-g1cn012w1 (25c) coil temperature rise te mperature rising (c) coil power (w) 0 1 0 2 0 3 0 0 10 20 30 40 50 60 70 80 90 100 f tr-g1cn012w 1 0.64w at : 25c coil temperature rise te mperature rising (c) applied time (m) no current 1 1 0 100 1000 10000 1 2 10 100 1000 44 m/s 2 ftr-g1cn012w1 10 pieces y vi bration acceleration (m/s) frequency (hz) automotive standard printed face chattering more than 1 m sec. (coil de-energized, y direction) x x y y' z z ' 0 200 400 600 800 1000 y y' x x' z z' ftr-g1cn012w1 10 pieces impact impact (m/s 2 ) direction printed face make (coil energized) break (coil de-energized) t ime: 1 11ms. half sign curve detection chattering more than 1 msec. coil voltage: rated voltage or 0v
4 ftr-g1 series 13.7 0. 5 + - 6.6 0. 5 + - 13.5 0. 5 + - 3.5 0. 5 + - 1.0 0. 3 + - 8.0 0. 2 + - 3.5 0. 2 + - 2.5 0. 2 + - 4.7 0. 2 + - 3.5 0. 1 + - 8.0 0. 1 + - 2- o1.5 +0.1 -0 2- o1.0 +0.1 -0 o1.7 +0.1 -0 (1.00) (0.95) (2.05) 2.5 0. 1 + - 4.7 0. 1 + - manufacturer t ype (example) lot no. (weekly code) manufacture country japan 0612a g1cn012w1 g1cn012wi 0635f n1 f&t jap an 20.1 0.2 17.9 0.2 3751 n dimensions schematic mounting hole layout (bottom view) schematic unit: mm marking (example) tube
5 ftr-g1 series 1. general information l now. all of our signal and power relays are lead-free. please refer to lead-free status info. (http://www.fujitsu.com/us/downloads/micro/fcai/relays/lead-free-letter.pdf) l lead free solder paste currently used in relays is sn-3.0ag-0.5cu. l all signal and power relays also comply with rohs. please refer to individual data sheets. relays that are rohs compliant do not contain the 5 hazardous materials that are restricted by rohs directive (lead, mercury, chromium iv, pbb, pbde). l ,w dv ehh yhulhg wdw xvlj ohdgiuhh uhodv l ohdghg dvvhpeo surfhvv zloo rw fdxvh d problems (compatible). l lf is marked on each outer and inner carton. (no marking on individual relays). l l we will ship leaded relays as long as the leaded relay inventory exists. note: cadmium was exempted from rohs on october 21, 2005. (amendment to directive 2002/95/ec) 2. recommended lead free solder profle l recommended solder paste sn-3.0ag-0.5cu. rohs compliance and lead free relay information 3. moisture sensitivity l moisture sensitivity level standard is not applicable to electromechanical realys. 4. tin whisker l dipped snagcu solder is known as low risk tin whisker. no considerable length whisker was found by our in house test. we highly recommend that you confrm your actual solder conditions flow solder condition: 3uhhdwlj pdlpp soldering: dip within 5 sec. at vrohuedw solder by soldering iron: soldering iron 7hpshudwxuh pd[lpxp duration: maximum 3 sec.
6 ftr-g1 series japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@ft.ed.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: marcom@fcai.fujitsu.com web: http://www.fujitsu.com/us/services/edevices/components/ europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info@fceu.fujitsu.com web: http://www.fujitsu.com/emea/services/components/ vld3dflf fujitsu components asia ltd. 102e pasir panjang road #04-01 citilink warehouse complex singapore 118529 tel: (65) 6375-8560 fax: (65) 6273-3021 email: fcal@fcal.fujitsu.com web: http://www.fujitsu.com/sg/services/micro/components/ )xmlwvxrpsrhwv,whudwlrdo+hdgtxduwhu2ifhv ?2008 fujitsu components america, inc. all rights reserved. all trademarks or registered trademarks are the property off their respective owners. fujitsu components america does not warrant that the content of datasheet is error free. in a continuing effort to improve our products fujitsu components america, inc. reserves the right to change specifcations/datasheets without prior notice. rev. january 25, 2008.


▲Up To Search▲   

 
Price & Availability of FTR-G1CN010W1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X